Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 7Page - ON Semiconductor NCP1237 Datasheet HTML 8Page - ON Semiconductor NCP1237 Datasheet HTML 9Page - ON Semiconductor NCP1237 Datasheet HTML 10Page - ON Semiconductor NCP1237 Datasheet HTML 11Page - ON Semiconductor NCP1237 Datasheet HTML 12Page - ON Semiconductor NCP1237 Datasheet HTML 13Page - ON Semiconductor NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
NCP1237
http://onsemi.com
11
At startup, the current source turns on when the voltage on
the HV pin is higher than VHV(min), and turns off when VCC
reaches VCC(on). It turns on again when VCC reaches
VCC(min). This sequence repeats until the input voltage is
high enough to ensure a proper startup, i.e. when VHV
reaches VHV(start). The switching actually starts the next
time VCC reaches VCC(on), as shown in Figure 5.
Even though the DSS is able to maintain the VCC voltage
between VCC(on) and VCC(min) by turning the HV startup
current source on and off, it can only be used in light load
conditions, otherwise the power dissipation on the die would
be too high. As a result, an auxiliary voltage source is needed
to supply VCC during normal operation.
The DSS is useful to keep the controller alive when no
switching pulses are delivered, e.g. in a brown−out
condition, or to prevent the controller from stopping during
load transients when the VCC might drop below VCC(off).
Figure 5. Startup Timing Diagram
time
VHV
time
VCC
time
DRV
VHV(start)
VHV(min)
VCC(on)
VCC(min)
VCC(inhibit)
HV
current
source =
Istart1
HV
current
source =
Istart2
Waits
next
VCC(on)
before
starting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com