Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 18 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor NCP1237 Datasheet HTML 20Page - ON Semiconductor NCP1237 Datasheet HTML 21Page - ON Semiconductor NCP1237 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
NCP1237
http://onsemi.com
18
Compensation for Overpower Detection
The power delivered by a flyback power supply is
proportional to the square of the peak current:
POUT +
1
2
@ h @ LP @ FSW @ IP 2
(eq. 1)
(in discontinuous conduction mode).
Unfortunately, due to the inherent propagation delay of
the logic, the actual peak current is higher at high input
voltage than at low input voltage, as shown in Figure 13.
This leads to a significant difference in the maximum output
power delivered by the power supply.
Figure 13. Line Compensation for True Overpower Protection
time
IP
High
Line
Low
Line
ILIMIT
tdelay
tdelay
IP to be
compensated
To compensate this and have an accurate overpower
protection, an offset proportional to the input voltage is
added to the CS signal by turning on an internal current
source (IOPC): by adding an external resistor (ROPC) in
series between the sense resistor and the CS pin, a voltage
offset is created across it by the current. The compensation
can be adjusted by changing the value of the ROPC resistor.
Since in light load conditions this offset is in the same
order of magnitude as the current sense signal, it must be
removed. Therefore the compensation current is only added
when the FB voltage is higher than VFB(OPC), as shown in
Figure 15.
Figure 14. Schematic Overpower Compensation Circuit
HV
V to I
CS
t LEB
blanking
To CS
block
VDD
IOPC = 0.5m x
(VHV − 125)
FB
−
+
VFB(OPC)
HV Sensing
ROPC
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com