Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor NCP1237 Datasheet HTML 20Page - ON Semiconductor NCP1237 Datasheet HTML 21Page - ON Semiconductor NCP1237 Datasheet HTML 22Page - ON Semiconductor NCP1237 Datasheet HTML 23Page - ON Semiconductor NCP1237 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
NCP1237
http://onsemi.com
20
OVERCURRENT PROTECTION WITH FAULT TIMER
Classical Overcurrent Protection
When an overcurrent occurs on the output of the power
supply, the feedback loop asks for more power than the
controller can deliver, and the CS setpoint reaches VILIM.
When this event occurs, an internal tfault timer is started:
once the timer times out, DRV pulses are stopped and the
controller is either latched off (latched protection,
Version A), or it enters an autorecovery mode (Version B).
The timer is reset when the CS setpoint goes back below
VILIM before the timer elapses. The fault timer is also started
if the driver signal is reset by the max duty ratio.
Figure 17. Timer−Based Overcurrent Protection
CS
FB
−
+
tLEB
blanking
/ 5
−
+
+
VILIM
Protection
Mode
Brown−out
tfault
timer
release
t autorec
timer
Reset
Autorecovery
protection
mode only
R
S
Q
PWM
Reset DRV
Fault Flag
DC MAX
DRV
In autorecovery mode, the controller tries to restart after
tautorec. If the fault has gone, the supply resumes operation;
if not, the system starts a new burst cycle (see Figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com