Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 13Page - ON Semiconductor NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor NCP1237 Datasheet HTML 20Page - ON Semiconductor NCP1237 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
NCP1237
http://onsemi.com
17
Each time the controller is starting (i.e. the controller was
off and starts, or restarts, when VCC reaches VCC(on)), a
soft−start is applied: the current sense setpoint is linearly
increased from 0 (the minimum level can be higher than 0
because of the LEB and propagation delay) until it reaches
VILIM (after a duration of tSSTART), or until the FB loop
imposes a setpoint lower than the one imposed by the
soft−start (the 2 comparators outputs are OR’ed).
Figure 12. Soft−Start
Time
VFB
VFB(fault)
Time
Soft-start ramp
VILIM
tSSTART
Time
CS Setpoint
VILIMI
VFB takes
over soft-start
Under some conditions, like a winding short−circuit for
instance, not all the energy stored during the on time is
transferred to the output during the off time, even if the on
time duration is at its minimum (imposed by the propagation
delay of the detector added to the LEB duration). As a result,
the current sense voltage keeps on increasing above VILIM,
because the controller is blind during the LEB blanking
time. Dangerously high current can grow in the system if
nothing is done to stop the controller. In order to protect
against this, an additional comparator is included, that
senses when VCS reaches VCS(stop) ( = 1.5 x VILIM ). As soon
as this comparator toggles, the controller immediately enters
the protection mode (latched or autorecovery according to
the chosen option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com