Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1237 Datasheet(PDF) 28 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 24Page - ON Semiconductor NCP1237 Datasheet HTML 25Page - ON Semiconductor NCP1237 Datasheet HTML 26Page - ON Semiconductor NCP1237 Datasheet HTML 27Page - ON Semiconductor NCP1237 Datasheet HTML 28Page - ON Semiconductor NCP1237 Datasheet HTML 29Page - ON Semiconductor NCP1237 Datasheet HTML 30Page - ON Semiconductor NCP1237 Datasheet HTML 31Page - ON Semiconductor NCP1237 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
NCP1237
http://onsemi.com
28
Latch−off Input
Figure 26. Latch Detection Schematic
−
+
Latch
VOVP
S
R
Q
−
+
VOTP
tLatch(OVP)
blanking
VDD
Brown−out
Reset
Latch
Vclamp
INTC
tLatch(OTP)
blanking
1 kW
INTC
+
+
Soft−start
end
The Latch pin is dedicated to the latch−off function. It
includes two thresholds that define a working window,
between a high latch and a low latch. Within these 2
thresholds; the controller is allowed to run; but as soon as
either the low or the high threshold is crossed, the controller
is latched off. The lower threshold is intended to be used
with an NTC thermistor, with the internal current source
INTC providing the necessary bias current.
An active clamp prevents the voltage from reaching the
high threshold if it is only pulled up by the ILatch current. To
reach the high threshold, the pullup current has to be higher
than the pulldown capability of the clamp (typically 1.5 mA
at VOVP).
To avoid any false triggering, noise spikes shorter than
tLatch(OVP) or tLatch(OTP) respectively are blanked, and only
longer events can actually latch the controller.
Reset occurs when a brown−out condition is detected or
the VCC is cycled down to a VCC(reset), which in a real
application can only happen if the power supply is
unplugged from the AC line.
Upon startup, the internal references take some time
before reaching their nominal values; and one of the
comparators could toggle inadvertantly. Therefore the
internal logic ignores the latch signal before the controller is
ready to start. Once VCC reaches VCC(on), the latch pin High
latch state is enabled and the DRV switching starts only if it
is allowed; whereas the Low latch (typically sensing an
overtemperature) is taken into account only after the
soft−start is finished. In addition, the NTC current is doubled
during the soft−start period, to speed up the charging of the
Latch pin capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com