Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323E Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
6
Freescale Semiconductor
Electrical Characteristics
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8323E. The MPC8323E is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.26
V
—
PLL supply voltage
AVDDn
–0.3 to 1.26
V
—
DDR1 and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
PCI, local bus, DUART, system control and power management, I2C,
SPI, MII, RMII, MII management, and JTAG I/O voltage
OVDD
–0.3 to 3.6
V
—
Input voltage
DDR1/DDR2 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2
DDR1/DDR2 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2
Local bus, DUART, CLKIN, system
control and power management,
I2C, SPI, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3
PCI
OVIN
–0.3 to (OVDD + 0.3)
V
5
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com