Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323E Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8323E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
2
Freescale Semiconductor
Overview
1Overview
The MPC8323E incorporates the e300c2 (MPC603e-based) core built on Power Architecture™
technology, which includes 16 Kbytes of L1 instruction and data caches, dual integer units, and on-chip
memory management units (MMUs). The e300c2 core does not contain a floating point unit (FPU). The
MPC8323E also includes a 32-bit PCI controller, four DMA channels, a security engine, and a 32-bit
DDR1/DDR2 memory controller.
A new communications complex based on QUICC Engine™ technology forms the heart of the networking
capability of the MPC8323E. The QUICC Engine block contains several peripheral controllers and a
32-bit RISC controller. Protocol support is provided by the main workhorses of the device—the unified
communication controllers (UCCs). Note that the MPC8321 and MPC8321E do not support UTOPIA. A
block diagram of the MPC8323E is shown in Figure 1.
Figure 1. MPC8323E Block Diagram
Each of the five UCCs can support a variety of communication protocols: 10/100 Mbps Ethernet, serial
ATM, HDLC, UART, and BISYNC—and, in the MPC8323E and MPC8323, multi-PHY ATM and ATM
support for up to OC-3 speeds.
Local
Baud Rate
Generators
Parallel I/O
Accelerators
Single 32-Bit RISC CP
3 MII/RMII
4 TDM Ports
1 UL2/8-Bit
QUICC Engine Block
Security Engine (SEC 2.2)
PCI
DDR
Multi-User
RAM
Serial DMA
and
2 Virtual
DMAs
Serial Interface
Time Slot Assigner
MPC8323E
System Interface Unit
(SIU)
System Reset
Clock Synthesizer
Protection and Configuration
Interrupt Controller
4 Channel DMA
Bus Arbitration
DUART
I2C
PCI Controller
Local Bus
Memory Controllers
GPCM/UPM
32-Bit DDR1/DDR2
Interface Unit
Timers, Power Management,
and JTAG/COP
16 KB
D-Cache
16 KB
I-Cache
e300c2 Core
Integer Unit
(IU1)
Integer Unit
(IU2)
Classic G2 MMUs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com