Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
9
Power Characteristics
Figure 3. MPC8323E Power-Up Sequencing Example
3
Power Characteristics
The estimated typical power dissipation for this family of MPC8323E devices is shown in Table 5.
Table 6 shows the estimated typical I/O power dissipation for the device.
Table 5. MPC8323E Power Dissipation
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Core
Frequency (MHz)
Typical
Maximum
Unit
Notes
133
200
266
0.74
1.48
W
1, 2, 3
133
200
333
0.78
1.62
W
1, 2, 3
Notes:
1. The values do not include I/O supply power (OVDD and GVDD) or AVDD. For I/O power values, see Table 6.
2. Typical power is based on a nominal voltage of VDD = 1.0 V, ambient temperature, and the core running a Dhrystone
benchmark application. The measurements were taken on the MPC8323MDS evaluation board using WC process silicon.
3. Maximum power is based on a voltage of VDD = 1.07 V, WC process, a junction TJ = 110°C, and an artificial smoke test.
Table 6. Estimated Typical I/O Power Dissipation
Interface
Parameter
GVDD (1.8 V)
GVDD (2.5 V) OVDD (3.3 V) Unit
Comments
DDR I/O
65% utilization
2.5 V
Rs = 20 Ω
Rt = 50 Ω
1 pair of clocks
266 MHz, 1
× 32 bits
0.212
0.367
—
W
—
t
90%
V
Core Voltage (VDD)
I/O Voltage (GVDD and OVDD)
0
0.7 V
PORESET
tSYS_CLK_IN/tPCI_SYNC_IN >= 32 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com