Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8323E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Freescale Semiconductor
Technical Data
© 2010 Freescale Semiconductor, Inc. All rights reserved.
This document provides an overview of the MPC8323E
PowerQUICC™ II Pro processor features. The MPC8323E
is a cost-effective, highly integrated communications
processor that addresses the requirements of several
networking applications, including ADSL SOHO and
residential gateways, modem/routers, industrial control, and
test and measurement applications. The MPC8323E extends
current PowerQUICC offerings, adding higher CPU
performance, additional functionality, and faster interfaces,
while addressing the requirements related to time-to-market,
price, power consumption, and board real estate. This
document describes the MPC8323E, and unless otherwise
noted, the information also applies to the MPC8323,
MPC8321E, and MPC8321.
To locate published errata or updates for this document, refer
to the MPC8323E product summary page on our website
listed on the back cover of this document or contact your
local Freescale sales office.
Document Number: MPC8323EEC
Rev. 3, 02/2010
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 6
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 9
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 11
6. DDR1 and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . 13
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
8. Ethernet and MII Management . . . . . . . . . . . . . . . . . 19
9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
18. UTOPIA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
19. HDLC, BISYNC, Transparent, and Synchronous
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
20. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
21. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 49
22. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
24. System Design Information . . . . . . . . . . . . . . . . . . . 76
25. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 79
26. Document Revision History . . . . . . . . . . . . . . . . . . . 80
MPC8323E
PowerQUICC™ II Pro Integrated
Communications Processor
Family Hardware Specifications


Similar Part No. - MPC8323E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323ECVRADDC FREESCALE-MPC8323ECVRADDC Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323ECVRADDCA FREESCALE-MPC8323ECVRADDCA Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor
More results

Similar Description - MPC8323E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
PowerQUICC??II Integrated Communications Processor Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com