Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112R7AFP8C Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HMT112R7AFP8C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HMT112R7AFP8C Datasheet HTML 9Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 10Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 11Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 12Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 13Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 14Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 15Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 16Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Rev. 0.4 / Jul. 2009
13
3.2.2 2GB, 256Mx72 Module(2Rank of x8)-page2
S0
S1
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
ODT0
CK0
CK0
PAR_IN
RS0A → CS0: SDRAMs D[3:0], D8
RS0B → CS0: SDRAMs D[7:4]
RS1A → CS1: SDRAMs D[12:9], D17
RRASB → RAS: SDRAMs D[7:4], D[16:13]
RS1B → CS1: SDRAMs D[16:13]
RBA[N:0]B → BA[N:0]: SDRAMs D[7:4], D[16:13]
RBA[N:0]A → BA[N:0]: SDRAMs D[3:0], D[12:8], D17
RRASA → RAS: SDRAMs D[3:0], D[12:8], D17
RCASB → CAS: SDRAMs D[7:4], D[16:13]
RCASA → CAS: SDRAMs D[3:0], D[12:8], D17
RWEB → WE: SDRAMs D[7:4], D[16:13]
RWEA → WE: SDRAMs D[3:0], D[12:8], D17
RCKE0B → CKE0: SDRAMs D[7:4]
RCKE0A → CKE0: SDRAMs D[3:0], D8
RODT0B → ODT0: SDRAMs D[7:4]
RODT0A → ODT0: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
PCK0B → CK: SDRAMs D[7:4]
PCK0A → CK: SDRAMs D[3:0], D8
Err_Out
OERR
RESET
RST
RST: SDRAMs D[17:0]
1:2
R
E
G
I
S
T
E
R
/
P
RCKE1B → CKE1: SDRAMs D[16:13]
RCKE1A → CKE1: SDRAMs D[12:9], D17
ODT1
RODT1A → ODT1: SDRAMs D[16:13]
RODT1A → ODT1: SDRAMs D[12:9], D17
CKE1
RA[N:0]B → A[N:0]: SDRAMs D[7:4], D[16:13]
RA[N:0]A → A[N:0]: SDRAMs D[3:0], D[12:8], D17
PCK1B → CK: SDRAMs D[16:13]
PCK1A → CK: SDRAMs D[12:9], D17
PCK1B → CK: SDRAMs D[16:13]
PCK1A → CK: SDRAMs D[12:9], D17
L
L
* S[3:2], CK1 and CK1 are NC
S[3:2] NC
120Ω
±5%
CK1
CK1
120Ω
±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com