Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112R7AFP8C Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HMT112R7AFP8C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C Datasheet(HTML) 5 Page - Hynix Semiconductor

  HMT112R7AFP8C Datasheet HTML 1Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 2Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 3Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 4Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 5Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 6Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 7Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 8Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Rev. 0.4 / Jul. 2009
5
1.2 Key Parameters
1.3 Speed Grade
1.4 Address Table
MT/s
DDR3-1066
DDR3-1333
Unit
Grade
-G7
-H9
tCK(min)
1.875
1.5
ns
CAS Latency
79
tCK
tRCD(min)
13.125
13.5
ns
tRP(min)
13.125
13.5
ns
tRAS(min)
37.5
36
ns
tRC(min)
50.625
49.5
ns
CL-tRCD-tRP
7-7-7
9-9-9
tCK
Grade
Frequency [MHz]
Remark
CL5
CL6
CL7
CL8
CL9
CL10
-G7
800
1066
1066
-H9
800
1066
1066
1333
1333
1GB(1Rx8)
2GB(2Rx8)
2GB(1Rx4)
4GB(2Rx4)
4GB(4Rx8)
8GB(4Rx4)
Organization
128M x 72
256M x 72
256M x 72
512M x 72
512M x 72
1G x 72
Refresh
Method
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
Row Address
A0-A13
A0-A13
A0-A13
A0-A13
A0-A13
A0-A13
Column
Address
A0-A9
A0-A9
A0-A9,A11
A0-A9,A11
A0-A9
A0-A9,A11
Bank Address
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
Page Size
1KB
1KB
1KB
1KB
1KB
1KB
# of Rank
1
21244
# of Device
9
18183636
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com