Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112R7AFP8C Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMT112R7AFP8C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMT112R7AFP8C Datasheet HTML 1Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 2Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 3Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 4Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 5Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 6Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 7Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 8Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Rev. 0.4 / Jul. 2009
4
1. Description
This Hynix DDR3 SDRAM Registered Dual In-Line Memory Module (DIMM) series consists of 1Gb A generation. These
are intended for use as main memory in server and workstation systems, providing a high performance 8 byte inter-
face in 133.35mm width form factor of industry standard. It is suitable for easy interchange and addition.
1.1 Product Features & Ordering Information
1.1.1 Features
* This product in compliance with the directive petaining of RoHS.
1.1.2 Ordering Information
* Please Contact local sales administrator for more details of part number
Part Number
Density
Organization
# of
DRAMs
# of
ranks
Materials
FDHS
HMT112R7AFP8C-G7/H9
1GB
128Mx72
9
1
Lead free
X
HMT125R7AFP8C-G7/H9
2GB
256Mx72
18
2
Lead free
X
HMT125R7AFP4C-G7/H9
2GB
256Mx72
18
1
Lead free
X
HMT151R7AFP4C-G7/H9
4GB
512Mx72
36
2
Lead free
O
HMT151R7AFP8C-G7/H9
4GB
512Mx72
36
4
Lead free
O
HMT31GR7AMP4C-G7/H9
8GB
1Gx72
72
4
Lead free
O
• VDD=VDDQ=1.5V
• VDDSPD=3.3V to 3.6V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and /DQS transition with
CK transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data, data
strobes and data masks latched on the rising edges of
the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, and (11)
supported
• Programmableadditivelatency0,CL-1,andCL-2sup
ported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8 banks
• 8K refresh cycles /64ms
• DDR3 SDRAM Package: JEDEC standard 78ball
FBGA(x4/x8), 96ball FBGA(x16) with support balls
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 device
based only)
• Write Levelization supported
• Auto Self Refresh supported
• 8 bit pre-fetch
• Heat Spreader installed for 4GB/8GB
• SPD with Integrated TS of Class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com