Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112R7AFP8C Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMT112R7AFP8C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMT112R7AFP8C Datasheet HTML 17Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 18Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 19Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 20Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 21Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 22Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 23Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 24Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Rev. 0.4 / Jul. 2009
21
3.5 4GB, 512Mx72 Module(4Rank of x8)-page3
S0
S1
BA[N:0]
A[N:0]
RAS
CAS
WE
CKE0
ODT0
CK0
CK0
PAR_IN
CS0 → CS0: SDRAMs U[10:2]
CS1 → CS1: SDRAMs U[19:11]
CS2 → CS2: SDRAMs U[28:20]
ERAS → RAS: SDRAMs U[10:7], U[19:16], U[28:25], U[37:34]
CS3 → CS3: SDRAMs U[37:29]
EBA[N:0] → BA[N:0]: SDRAMs U[10:7], U[19:16], U[28:25], U[37:34]
WBA[N:0] → BA[N:0]: SDRAMs U[6:2], U[15:11], U[24:20], U[33:29]
WRAS → RAS: SDRAMs U[6:2], U[15:11], U[24:20], U[33:29]
ECAS → CAS: SDRAMs U[10:7], U[19:16], U[28:25], U[37:34]
WCAS → CAS: SDRAMs U[6:2], U[15:11], U[24:20], U[33:29]
EWE → WE: SDRAMs U[10:7], U[19:16], U[28:25], U[37:34]
WWE → WE: SDRAMs U[6:2], U[15:11], U[24:20], U[33:29]
ECKE0 → CKE0: SDRAMs U[10:7], U[28:25]
WCKE0 → CKE0: SDRAMs U[6:2], U[24:20]
EODT0 → ODT0: SDRAMs U[10:7]
WODT0 → ODT0: SDRAMs U[6:2]
PCK1 → CK: SDRAMs U[10:7], U[28:25]
PCK0 → CK: SDRAMs U[6:2], U[15:11]
PCK1 → CK: SDRAMs U[10:7], U[28:25]
PCK0 → CK: SDRAMs U[6:2], U[15:11]
Err_Out
RESET
RST
RST: SDRAMs U[37:2]
1:2
R
E
G
I
S
T
E
R
/
P
ECKE1 → CKE1: SDRAMs U[19:16], U[37:34]
WCKE1 → CKE1: SDRAMs U[15:11], U[33:29]
ODT1
EODT0 → ODT1: SDRAMs U[28:25]
WODT0 → ODT1: SDRAMs U[24:20]
CKE1
EA[N:0] → A[N:0]: SDRAMs U[10:7], U[19:16], U[28:25], U[37:34]
WA[N:0] → A[N:0]: SDRAMs U[6:2], U[15:11], U[24:20], U[33:29]
PCK3 → CK: SDRAMs U[19:16], U[37:34]
PCK2 → CK: SDRAMs U[24:20], U[33:29]
PCK3 → CK: SDRAMs U[19:16], U[37:34]
PCK2 → CK: SDRAMs U[24:20], U[33:29]
L
L
CK1
CK1
120Ω
±5%
S2
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com