Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97BTP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 3Page - NXP Semiconductors SE97BTP Datasheet HTML 4Page - NXP Semiconductors SE97BTP Datasheet HTML 5Page - NXP Semiconductors SE97BTP Datasheet HTML 6Page - NXP Semiconductors SE97BTP Datasheet HTML 7Page - NXP Semiconductors SE97BTP Datasheet HTML 8Page - NXP Semiconductors SE97BTP Datasheet HTML 9Page - NXP Semiconductors SE97BTP Datasheet HTML 10Page - NXP Semiconductors SE97BTP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
7 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
7.3 EVENT output condition
The EVENT output indicates conditions such as the temperature crossing a predefined
boundary. The EVENT modes are very configurable and selected using the configuration
register (CONFIG). The interrupt mode or comparator mode is selected using CONFIG[0],
using either TCRIT/UPPER/LOWER or TCRIT only temperature bands (CONFIG[2]) as
modified by hysteresis (CONFIG[10:9]). The UPPER/LOWER (CONFIG[6]) and TCRIT
(CONFIG[7]) bands can be locked. Figure 4 shows an example of the measured
temperature versus time, with the corresponding behavior of the EVENT output in each of
these modes.
Upon device power-up, the default condition for the EVENT output is high-impedance to
prevent spurious or unwanted alarms, but can be later enabled (CONFIG[3]). CONFIG[3]
does not have to be cleared (e.g., set back to (0)) before changing CONFIG[2] or
CONFIG[0]. EVENT output polarity can be set to active HIGH or active LOW
(CONFIG[1]). EVENT status can be read (CONFIG[4]) and cleared (CONFIG[5]).
If the EVENT output is enabled (CONFIG[3] = 1) and the part is switched between
Interrupt mode and Comparator mode or vice versa, the EVENT output may glitch during
the change.
If the device enters Shutdown mode (CONFIG[8]) with asserted EVENT output, the output
either de-asserts (default) or remains asserted (frozen) depending on SMBUS[4].
7.3.1 EVENT pin output voltage levels and resistor sizing
The EVENT open-drain output is typically pulled up to a voltage level from 0.9 V to 3.6 V
with an external pull-up resistor, but there is no real lower limit on the pull-up voltage for
the EVENT pin since it is simply an open-drain NMOS pull-down output. It could be pulled
up to 0.1 V and would not affect the output. From the system perspective, there will be a
practical limit. That limit will be the voltage necessary for the device monitoring the
interrupt pin to detect a HIGH on its input. A possible practical limit for a CMOS input
would be 0.4 V. Another thing to consider is the value of the pull-up resistor. When a low
supply voltage is applied to the drain (through the pull-up resistor) it is important to use a
higher value pull-up resistor, to allow a larger maximum signal swing on the EVENT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com