Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97BTP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 8Page - NXP Semiconductors SE97BTP Datasheet HTML 9Page - NXP Semiconductors SE97BTP Datasheet HTML 10Page - NXP Semiconductors SE97BTP Datasheet HTML 11Page - NXP Semiconductors SE97BTP Datasheet HTML 12Page - NXP Semiconductors SE97BTP Datasheet HTML 13Page - NXP Semiconductors SE97BTP Datasheet HTML 14Page - NXP Semiconductors SE97BTP Datasheet HTML 15Page - NXP Semiconductors SE97BTP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
12 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
Table 5 shows the default values and the example value to be programmed to these
registers.
7.7 SMBus TIMEOUT
The SE97B supports SMBus TIMEOUT feature. If the host holds SCL LOW more than
35 ms, the SE97B would reset its internal state machine to the bus IDLE state to prevent a
system bus hang-up. This feature is turned on by default and release SDA. The SMBus
TIMEOUT can be disabled by writing a ‘1’ to SMBUS[7].
Remark: When SMBus TIMEOUT is enabled, the I2C-bus minimum bus speed is limited
by the SMBus TIMEOUT specification limit of 10 kHz.
The SE97B has no SCL driver, so it cannot hold the SCL line LOW.
7.8 SMBus Alert Response Address (ARA)
The SE97B supports SMBus ALERT when it is programmed for the Interrupt mode and
when the EVENT polarity bit is set to ‘0’. In Comparator mode or when the EVENT polarity
bit is set to ‘1’, the SMBus ALERT address is not acknowledged. The EVENT pin can be
ANDed with other EVENT or interrupt signals from other slave devices to signal their
intention to communicate with the host controller. When the host detects EVENT or other
interrupt signal LOW, it issues an ARA to which a slave device would respond with its
address. When there are multiple slave devices generating an ALERT the SE97B
performs bus arbitration with the other slaves. If it wins the bus, it responds to the ARA
and then clears the EVENT pin. This feature is turned off by default and can be enabled
by writing a ‘0’ to SMBUS[0].
Remark: Either in comparator mode or when the SE97B crosses the critical temperature,
the host must also read the EVENT status bit and provide remedy to the situation by
bringing the temperature to within the alarm window or below the critical temperature if
that bit is set. Otherwise, the EVENT pin will not get de-asserted.
Table 5.
Registers to be initialized
Register
Default value
Example value
Description
01h
0000h
0209h
Configuration register
• hysteresis = 1.5 °C
• EVENT output = Interrupt mode
• EVENT output is enabled
02h
0000h
0550h
Upper Boundary Alarm Trip register = 85
°C
03h
0000h
1F40h
Lower Boundary Alarm Trip register =
−20 °C
04h
0000h
05F0h
Critical Alarm Trip register = 95
°C
22h
21h
21h
SMBus register = no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com