Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6311LT Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 10Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 11Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 12Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 13Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 14Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 15Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
Data hold time. For I2C-bus device.
tHD;DAT
0
3.45
μs
Data set-up time.
tSU;DAT
250
-
ns
Rise time of both SDA and SCL signals.
tr
30
N.D.
ns
( notel )
Fall time of both SDA and SCL signals.
tf
30
N.D.
ns
( notel )
Set-up time for STOP condition.
tSU;STO
4.0
-
μs
Bus free time between a STOP and START.
tBUF
4.7
-
μs
Capacitive load for each bus line.
Cb
1
15
pF
Noise margin at LOW level for each connected device.
( Including hysteresis )
VnL
0.1 VDD
-
V
Noise margin at HIGH level for each connected device.
( including hysteresis )
VnH
0.2 VDD
-
V
Note : It depends on the “high” period time of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com