Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6311LT Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 10Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 11Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 12Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 13Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 14Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 15Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 16Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
5.
Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
-40℃ to +125℃
VDDD
3.0V
VDDA
4.5V
Supply Voltage ( with respect to ground )
VDDQ
4.5V
All Input / Output Voltage ( with respect to ground )
-0.3V to VDDQ+0.5V
Lead temperature, Surface-mount process
245℃
ESD rating, Human Body model
2000V
DC Electrical Characteristics ( 0℃ < TA < 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type : POWER
VDDA
DC supply voltage – Analog
2.45
2.5
2.8
V
VDDD
DC supply voltage – Digital
1.7
1.8
1.98
V
VDDQ
DC supply voltage – I/O
1.7
-
3.3
V
IDD
Operating Current ( ~ 30fps / 2.5v )
15
mA
IPWDN
Power Down Current (see Note
a)
10
20
μA
Type : IN & I/O Reset and System Clock(input clock)
VIH
Input Voltage HIGH
VDDQ
* 0.7
V
VIL
Input Voltage LOW
VDDQ
* 0.3
V
Type : OUT & I/O for PX0~9, SDA, H/VSYNC and PXCLK(output clock)
VOH
Output Voltage HIGH (see Note
b)
VDDQ
* 0.9
V
VOL
Output Voltage LOW
VDDQ
* 0.1
V
Note
a : V
DDA = 2.5V, VDDQ = 2.8V
Note
b : For SDA, the minimum V
OH is VDDQ * 0.75
AC Operating Condition ( 0℃ < TA < 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
fsysclk
System clock frequency
10
24
48
MHz
tsysclk_dc
System clock duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com