Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6311LT Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAS6311LT Datasheet HTML 10Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 11Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 12Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 13Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 14Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 15Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 16Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 17Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
6.
Reference Circuit Schematic
AGND
AGND
DGND
DGND
VDDA
VDDQ
VDDQ
SY SCLK
SDA
CSB
PX1
VSSD
SCL
PX0
PX8
PX9
VDDA
VSSA
RESET
R1
100K
C4
C_N.M.
PAS6311LT
U1
D5
E4
C4
E5
B5
E2
E1
D1
A4
B4
A2
A1
CSB
SCL
VSSA
SDA
VDDA
SY SCLK
RESET
VSSD
PX9
PX8
PX1
PX0
C2
0.1uF
C1
0.1uF
C3
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com