Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6311LT Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAS6311LT Datasheet HTML 1Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 2Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 3Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 4Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 5Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 6Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 7Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
3.
Block Diagram & Function Description
3.1. Block Diagram
Figure 3.1 Shows the PAS6311LT sensor block diagram
The PAS6311LT is a 1/6” CMOS imaging sensor with 640 ( H ) x 480 ( V ) physical pixels. The
active region of sensor array is 648 ( H ) x 488 ( V ). The sensor array is cover with Bayer pattern color
filters and µ-lens. The first pixel location ( 0,0 ) is programmable in 2 direction ( X and Y ) and the
default value is at the left-down side of sensor array.
After a programmable exposure time, the image is sampled first with CDS ( Correlated Double
Sampling ) block to improve S/N ration and reduce fixed pattern noise.
Three analog gain stages are implemented before signal transferred by the 10-bits A/D converter.
The front gain stage ( FG ) can be programmed to fit the saturation level of sensor to the full-range input
of ADC. The programmable color gain stage ( CG ) is used to balance the luminance response difference
between B/G/R. The global gain stage ( GG ) is programmed to adapt the gain to the image luminance.
The fine gained signal will be digitized by the on-chip 10-bits A/D converter. After the image data
has been digitized, further alteration to the signal can be applied before the data is output.
3.2. Defect Compensation
The defect compensation block can detect the possible defective pixels and replace it with average output
of like-colored pixels on either side of defective pixel. It’s no limitation on the capability of defective
number. This function is also enabled or disabled by user.
3.3. Companding Curves
The companding function is used to simulate the gamma curve and do non-linear transformation before
outputting data. There are 8 curves selected by setting register Compand_Sel as shown in Figure 3.2 and
this function is also enabled or disabled by user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com