Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6311LT Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS6311LT Datasheet HTML 1Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 2Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 3Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 4Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 5Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 6Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 7Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
1.
Pin Assignment
PX0
PX1
PX7
PX9
VDDQ
PX4
PX5
PX6
PX8
VDDA
PX3
PX2
VSSA
VDDAY
VSSD
VDDD
VSYNC
CSB
SYSCLK
HSYNC
SCL
SDA
PAS6311LT
-- Top View --
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
C1
C2
C4
C5
D1
D2
D4
D5
E1
E2
E3
E4
E5
RESET
D3
PXCLK
Figure 1.1 Shows the PAS6311LT pin diagram
Pin No.
Name
Type
Description
C4
VSSA
GND
Analog ground.
B5
VDDA
PWR
Analog VDD, 2.5V.
D5
CSB
IN
Power Down (chip power down if high ).
C5
VDDAY
IN
Internal voltage reference.
D2
VDDD
PWR
Digital core VDD, 1.8V.
D4
VSYNC
OUT
Vertical synchronization signal.
E3
HSYNC
OUT
Horizontal synchronization signal.
D3
PXCLK
OUT
Pixel clock output.
A5
VDDQ
PWR
I/O VDD, 1.8V ~ 3.3V.
E2
SYSCLK
IN
Master clock input.
E1
RESET
IN
Resets all registers to default ( chip reset if high .)
D1
VSSD
GND
Digital ground.
A4
PX9
OUT
Digital data out.
B4
PX8
OUT
Digital data out.
A3
PX7
OUT
Digital data out.
B3
PX6
OUT
Digital data out.
B2
PX5
OUT
Digital data out.
B1
PX4
OUT
Digital data out.
C1
PX3
OUT
Digital data out.
C2
PX2
OUT
Digital data out.
A2
PX1
OUT
Digital data out.
A1
PX0
OUT
Digital data out.
E4
SCL
IN
I2C clock.
E5
SDA
I/O
I2C data. Internal pull high resister is 10KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com