Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8143-10CFT/V Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8143-10CFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
WM8143-10
Production Data
Wolfson Microelectronics
PD Rev 3f June 98
4
Test Characteristics
AVDD = DVDD = 4.75V to 5.25V, AGND = DGND = 0V … TA = 0
oC to +70oC, MCLK = 12MHz, unless otherwise stated
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Differential Non Linearity
DNL
0.1
0.5
LSB
Integral Non Linearity
INL
0.25
1
LSB
10-bit ADC performance including CDS, PGA and Offset Functions
NO MISSING CODES GUARANTEED
Resolution
AVDD = DVDD = 5V
10
Bits
Maximum Sampling Rate
AVDD = DVDD = 5V
6
MSPS
Zero Scale Transition Error
Voltage at VINP
DAC Code = 000H,
AVDD = DVDD = 5V,
measured relative to
VRB
± 25
±100
mV
Full Scale Transition Error
Voltage at VINP
DAC Code = 000H,
AVDD = DVDD = 5V,
measured relative to
VRT
± 25
±100
mV
Differential Non Linearity
DNL
AVDD = DVDD = 5V
+1
LSB
PGA Gain
Monotonicity Guaranteed
Red Channel Max Gain
Gr
7
7.5
Times
Green Channel Max Gain
Gg
7.5
8
Times
Blue Channel Max Gain
Gb
Mode 1
AVDD = DVDD = 5V
7.5
8
Times
Switching Characteristics
MCLK Period
tPER
83.3
ns
MCLK High
tCKH
37.5
ns
MCLK Low
tCKL
37.5
ns
Data Set-up Time
tDSU
10
ns
Data Hold Time
tDH
10
ns
Output Propagation Delay
tPD
IOH=1mA, IOL=1mA
75
ns
Output Enable Time
tPZE
50
ns
Output Disable Time
tPEZ
25
ns
Serial Interface
SCK Period
tSPER
83.3
ns
SCK High
tSCKH
37.5
ns
SCK Low
tSCKL
37.5
ns
SDI Set up Time
tSSU
10
ns
SDI Hold Time
tSH
10
ns
Set up Time - SCK to SEN
tSCE
20
ns
Set up Time - SEN to SCK
tSEC
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com