Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8143-10CFT/V Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8143-10CFT/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Production Data
WM8143-10
Wolfson Microelectronics
PD.Rev 3f June 98
5
Test Characteristics
AVDD = DVDD = 4.75V to 5.25V, AGND = DGND = 0V … TA = 0
oC to +70oC, MCLK = 12MHz, unless otherwise stated
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
SEN Pulse Width
tSEW
50
ns
Parallel Interface
RNW Low to OP[9:2] Tri-state
tOPZ
20
ns
Address Setup Time to STB
Low
tASU
0
ns
DNA Low Setup Time to STB
Low
tADLS
10
ns
Strobe Low Time
tSTB
50
ns
Address Hold Time from STB
High
tAH
10
ns
DNA Low Hold Time from
STB High
tADLH
10
ns
Data Setup Time to STB Low
tDSU
0
ns
DNA High Setup Time to STB
Low
tADHS
10
ns
Data Hold Time from STB
High
tDH
10
ns
Data High Hold Time from
STB High
tADHH
10
ns
RNW High to OP[9:2] Output
tOPD
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com