Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8143-10CFT/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8143-10CFT/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
WM8143-10
Production Data
Wolfson Microelectronics
PD Rev 3f June 98
6
Pin Description
PIN
NAME
TYPE
DESCRIPTION
1
OP[0]
Digital OP
Tri-state digital 10-bit bi-directional bus. There are four modes:
2
OP1]
Digital OP
Tri-state:
when OEB = 1
3
OP[2]
Digital IO
4
OP[3]
Digital IO
5
OP[4]
Digital IO
6
OP[5]
Digital IO
7
OP[6]
Digital IO
8
OP[7]
Digital IO
9
OP[8]
Digital IO
10
OP[9]
Digital IO
Output ten-bit:
ten bit data is output from bus
Output 8-bit multiplexed:
data output on OP[9:2] at 2 * ADC
conversion rate
Input 8-bit:
control data is input on bits OP[9:2] in
parallel mode when SCK/RNW = 0.
MSB of the output word is OP[9], LSB is OP[0]
11
NRESET
Digital IP
Reset input, active low. This signal forces a reset of all internal registers and
selects whether serial control bus or parallel control bus is used ( see
SEN/STB)
12
AVDD
Analogue supply
Positive analogue supply (5V)
13
AGND
Analogue supply
Analogue ground (0V)
14
VRU
Analogue IP
15
VRB
Analogue OP
16
VRT
Analogue OP
ADC reference voltages. The ADC reference range is applied between VRT (full
scale) and VRB (zero level). VRU can be used to derive optimal reference
voltages from an external 5V reference
17
VMID
Analogue OP
Buffered mid-point of ADC reference string.
18
VRLC
Analogue OP
Selectable analogue output voltage for RLC
19
BINP
Analogue IP
Blue channel input video
20
GINP
Analogue IP
Green channel input video
21
RINP
Analogue IP
Red channel input video
22
OEB
Digital IP
Output tri-state control:
all outputs enabled when OEB=0
23
SEN/STB
Digital IP
Serial interface:
enable, active high
Parallel interface:
strobe, active low
Latched on NRESET rising edge: If low then device control is by serial
interface, if high then device control is by parallel interface
24
SDI/DNA
Digital IP
Serial interface:
serial interface input data signal
Parallel interface:
high = data, low = address
25
SCK/RNW
Digital IP
Serial interface:
serial interface clock signal
Parallel interface:
high = OP[9:2] is output bus
low = OP[9:2] is input bus
26
RLC
Digital IP
Selects whether reset level clamp is applied on a pixel-by-pixel basis. If RLC is
required on each pixel then this pin can be tied high
27
VSMP
Digital IP
Video sample synchronisation pulse. This signal is applied synchronously with
MLCK to specify the point in time that the input is sampled. The timing of
internal multiplexing between the R, G and B channels is derived from this
signal
28
MCLK
Digital IP
Master clock. This clock is applied at eight, six, three or two times the input pixel
rate depending on the operational mode. MCLK is divided internally to define the
ADC sample rate and to provide the clock source for digital logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com