Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8143-10CFT/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8143-10CFT/V
Description  10-bit/6MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8143-10CFT/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8143-10CFT/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8143-10CFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Production Data
WM8143-10
Wolfson Microelectronics
PD.Rev 3f June 98
7
PIN
NAME
TYPE
DESCRIPTION
29
DGND
Digital supply
Digital ground (0V)
30
nc
Reserved, pin must be left unconnected
31
nc
Reserved, pin must be left unconnected
32
DVDD
Digital supply
Positive digital supply (5V)
Typical Performance
AVDD = DVDD = 5V, TA = 25
oC
PGA Gain Code vs Actual Gain
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
8.25
0
1
2
3
4
5
6
7
8
9
Actual Gain
RED
GREEN
BLUE
WM8143-10 DNL
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
256
512
768
1024
ADC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com