Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8026 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8026 Datasheet HTML 1Page - Silicon Standard Corp. SS8026 Datasheet HTML 2Page - Silicon Standard Corp. SS8026 Datasheet HTML 3Page - Silicon Standard Corp. SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
Rev.2.02 12/06/2003
SS8026
Definitions
Dropout Voltage
The input/output voltage differential at which the regu-
lator output no longer maintains regulation against fur-
ther reductions in input voltage. Measured when the
output drops 100mV below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
age. The measurement is made under conditions of
low dissipation or by using pulse techniques such that
the average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load cur-
rent at constant chip temperature. The measurement is
made under conditions of low dissipation or by using
pulse techniques such that the average chip temperature
is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation under which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip and
is not delivered to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com