Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8026 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. SS8026 Datasheet HTML 10Page - Silicon Standard Corp. SS8026 Datasheet HTML 11Page - Silicon Standard Corp. SS8026 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.SiliconStandard.com
9 of 12
Rev.2.02 12/06/2003
SS8026
TO-220 (T3) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
4.318
4.826
0.170
0.190
A1
2.46
2.72
0.097
0.107
b
0.69
0.94
0.027
0.037
b1
1.143
1.397
0.045
0.055
C
0.304
0.460
0.012
0.018
D
3.429
3.683
0.135
0.145
D1
8.53
9.04
0.336
0.356
d
2.62
2.87
0.103
0.113
E
9.906
10.40
0.390
0.410
E1
2.84
5.13
0.112
0.202
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
F
1.143
1.397
0.045
0.055
I
3.454
3.962
0.136
0.156
L
13.589
14.351
0.535
0.565
E
R
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com