Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8026 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS8026 Datasheet HTML 3Page - Silicon Standard Corp. SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. SS8026 Datasheet HTML 10Page - Silicon Standard Corp. SS8026 Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
Rev.2.02 12/06/2003
SS8026
Maximum Power Dissipation of TO 252
Safe Operating Area of TO 252
Note: V IN(max) <= 6.5V
0
200
400
600
800
1000
1200
1400
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25 ¢J
TA=55 ¢J
TA=85 ¢J
Maximum recommended output current
1oz Copper on TO-252 Package
Mounted on recommended mimimum
footprint (R£c
JA=125°C/W)
TA=25 °C,Still Air
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T A (¢J
)
Still Air
1oz Copper on TO-252 Package
Mounted on recommend mimimum footprint
(R £c
JA=125 °C/W)
Recommend Minimum Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com