Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8026 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8026 Datasheet HTML 1Page - Silicon Standard Corp. SS8026 Datasheet HTML 2Page - Silicon Standard Corp. SS8026 Datasheet HTML 3Page - Silicon Standard Corp. SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
Rev.2.02 12/06/2003
SS8026
Typical Performance Characteristics
(VIN= +3.3V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Line Transient
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
0
200
400
600
800
1000
1200
1400
1600
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
1.700
1.720
1.740
1.760
1.780
1.800
1.820
1.840
1.860
1.880
1.900
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
Line Transient
Ground Current vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com