Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8026 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8026 Datasheet HTML 2Page - Silicon Standard Corp. SS8026 Datasheet HTML 3Page - Silicon Standard Corp. SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. SS8026 Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
Rev.2.02 12/06/2003
SS8026
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6
Input-Output Voltage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Note: V IN(max) <= 6.5V
0
100
200
300
400
500
600
700
800
900
1000
1100
0
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8 3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6
Input-Output Voltage Differential (V)
Maximum Power Dissipation of SOT 223
Safe Operating Area of SOT 223
Safe Operating Area of SOT 223
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Ambient Temperature ( °C)
1oz Copper on SOT-89 Package
Mounted on recommended mimimum footprint
(R£c
JA
=250 °C/W)
0
100
200
300
400
500
600
700
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
Input-Output Voltage Differential VIN - VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on SOT-89 Package
Mounted on recommended mimimum
footprint (R£c
JA
=250 °C/W)
Safe Operating Area of SOT-89
[Power Dissipation Limit]
1oz Copper on SOT-223 Package
Mounted on recommended mimimum footprint (R£c
JA
=156°C/W)
TA=25°C,Still Air
Maximum recommended output current
TA=25°C,Still Air
Mounted on 1 square inch, 1oz copper pcb area (R£c
JA
=70°C/W)
Mounted on 0.53 square inch, 1oz
copper pcb area (R£c
JA
=85°C/W)
Mounted on recommend minimum footprint, 1oz copper pcb area
(See Recommend minimum footprint) (R
£c
JA=156°C/W)
Note: V IN(max) <= 6.5V
Maximum Power Dissipation of SOT-89
TA=25°C,Still Air
1oz Copper on SOT-223 Package
Mounted on recommended mimimum footprint (R£c
JA
=156°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com