Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 6 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 6 Page - Micronas

Back Button HAL2XY Datasheet HTML 2Page - Micronas HAL2XY Datasheet HTML 3Page - Micronas HAL2XY Datasheet HTML 4Page - Micronas HAL2XY Datasheet HTML 5Page - Micronas HAL2XY Datasheet HTML 6Page - Micronas HAL2XY Datasheet HTML 7Page - Micronas HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HAL 2xy
DATA SHEET
6
Jan. 11, 2010; DSH000141_003EN
Micronas
2. Functional Description
The Hall effect sensor is a monolithic integrated circuit
that switches in response to magnetic fields. If a mag-
netic field with flux lines perpendicular to the sensitive
area is applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this field. The Hall
voltage is compared with the actual threshold level in
the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induc-
tion of magnets at higher temperatures. If the magnetic
field exceeds the threshold levels, the open drain
output switches to the appropriate state. The built-in
hysteresis eliminates oscillation and provides switch-
ing behavior of output without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. Therefore, an internal oscillator pro-
vides a two phase clock. The Hall voltage is sampled
at the end of the first phase. At the end of the second
phase, both sampled and actual Hall voltages are
averaged and compared with the actual switching
point. Subsequently, the open drain output switches to
the appropriate state. The time from crossing the mag-
netic switching level to switching of output can vary
between zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
Output pin and VDD-pin together with external series
resistors. Reverse current is limited at the VDD-pin by
an internal series resistor up to
−15 V. No external
reverse protection diode is needed at the VDD-pin for
reverse voltages ranging from 0 V to
−15 V.
In case of HAL22y a built-in reset-circuit clamps the
output to the “high” state (reset state) during power-on
or when the supply voltage drops below the reset volt-
age of Vreset < 4.3 V. For supply voltages between
Vreset and 4.3 V, the output state of the device
responds to the magnetic field. For supply voltages
above 4.3 V, the device works according to the speci-
fied characteristics.
Fig. 2–1: HAL20y and HAL 21y block diagram
Fig. 2–2: HAL22y block diagram
Reverse
Voltage &
Overvoltage
Protection
Temperature
Dependent
Bias
Hysteresis
Control
Short Circuit
and
Overvoltage
Hall Plate
Switch
Comparator
Output
Clock
Protection
3
OUT
GND
2
1
VDD
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
Power-on &
Undervoltage
Reset
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com