Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 12 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 12 Page - Micronas

Back Button HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas HAL2XY Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HAL 2xy
DATA SHEET
12
Jan. 11, 2010; DSH000141_003EN
Micronas
3.7. Magnetic Characteristics Overview
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V, (HAL22y: VDD = 4.3 V to 24 V)
Typical Characteristics for VDD = 12 V. Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL201
−40 °C
28
33
42
18
23
30
−
10.0
−
mT
unipolar
25 °C
28
34
42
18
24
30
−
10.0
−
mT
140 °C
26
32
42
17.5
22
30
−
10.0
−
mT
HAL202
−40 °C
0.5
2.8
6.5
−6.5
−2.8
−0.5
−
5.6
−
mT
latching
25 °C
0.5
2.6
6
−6
−2.6
−0.5
−
5.2
−
mT
140 °C
0.1
2.4
5.5
−5.5
−2.4
−0.1
−
4.8
−
mT
HAL203
−40 °C
5.5
8.4
12.5
−12.5
−8.6
−5.5
−
17
−
mT
latching
25 °C
5
7.6
11.5
−11.5
−7.6
−5
−
15.2
−
mT
140 °C
3.5
6.7
11.0
−11.0
−6.4
−3.5
−
13.1
−
mT
HAL204
−40 °C
10.5
15.8
21.5
−21.5
−15.8
−10.5
−
31.6
−
mT
latching
25
°C
101418.5
−18.5
−14
−10
−
28
−
mT
140
°C
6.0
10
15.5
−15.5
−10
−6.0
−
20
−
mT
HAL206
−40 °C
8.8
12.5
18.0
4.5
7.0
11.0
−
5.5
−
mT
unipolar
25
°C
8.1
12.0
16.5
4.2
6.5
10.4
−
5.5
−
mT
140
°C
7.4
10.0
16.0
3.4
6.0
9.9
−
4.0
−
mT
HAL207
−40 °C
19.6
27.5
35.8
16.9
23.0
31.3
−
4.5
−
mT
unipolar
25
°C
19.6
26.5
35.0
16.9
22.5
30.6
−
4.0
−
mT
140
°C
18.4
26.0
33.6
15.8
22.0
29.4
−
4.0
−
mT
HAL208
−40 °C
13.1
17.5
25.0
11.9
15.7
23.0
−
1.8
−
mT
unipolar
25
°C
12.7
17.0
23.8
11.4
15.0
21.9
−
2.0
−
mT
140
°C
10.8
14.6
23.0
9.7
13.0
21.0
−
1.6
−
mT
HAL210
−40 °C
2.3
8.1
12.0
1.8
5.9
11.5
−
2.2
−
mT
unipolar
25
°C
2.3
7.9
12.0
1.8
5.7
11.5
−
2.2
−
mT
140
°C
2.3
7.7
12.0
1.8
5.7
11.5
−
2.0
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com