Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 11 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 11 Page - Micronas

Back Button HAL2XY Datasheet HTML 7Page - Micronas HAL2XY Datasheet HTML 8Page - Micronas HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DATA SHEET
HAL 2xy
Micronas
Jan. 11, 2010; DSH000141_003EN
11
Fig. 3–3: Recommended footprint SOT89B-3,
Dimensions in mm
All dimensions are for reference only. The pad size may
vary depending on the requirements of the soldering
process.
SOT89B Package
Rthja
Rthjc
Thermal Resistance
Junction to Ambient
Junction to Case
−
−
−
−
−
−
212
73
K/W
K/W
Measured with a 1s0p board
30 mm x 10 mm x 1.5 mm,
pad size (see Fig. 3–3)
TO92UA Package
Rthja
Rthjc
Thermal Resistance
Junction to Ambient
Junction to Case
−
−
−
−
−
−
225
63
K/W
K/W
Measured with a 1s0p board
1) V
DD = 12 V, B > BON + 2 mT or B < BOFF − 2 mT and B > BOFF + 2 mT or B < BON - 2 mT for HAL 212
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
1.05
1.05
1.80
0.50
1.50
1.45
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com