Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 16 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 16 Page - Micronas

Back Button HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas HAL2XY Datasheet HTML 16Page - Micronas HAL2XY Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
HAL 2xy
DATA SHEET
16
Jan. 11, 2010; DSH000141_003EN
Micronas
4.4. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see Fig. 4–1). The series resistor
and the capacitor should be placed as closely as
possible to the HAL sensor.
Applications with this arrangement passed the EMC
tests according to the product standards ISO 7637.
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
Fig. 4–1: Test circuit for EMC investigations
RV
220
Ω
VEMC
VP
4.7 nF
VDD
OUT
GND
1
2
3
RL
1.2 k
Ω
20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com