Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 14 Page - Micronas

Part # HAL2XY
Description  Hall-Effect Sensor Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 14 Page - Micronas

Back Button HAL2XY Datasheet HTML 9Page - Micronas HAL2XY Datasheet HTML 10Page - Micronas HAL2XY Datasheet HTML 11Page - Micronas HAL2XY Datasheet HTML 12Page - Micronas HAL2XY Datasheet HTML 13Page - Micronas HAL2XY Datasheet HTML 14Page - Micronas HAL2XY Datasheet HTML 15Page - Micronas HAL2XY Datasheet HTML 16Page - Micronas HAL2XY Datasheet HTML 17Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
HAL 2xy
DATA SHEET
14
Jan. 11, 2010; DSH000141_003EN
Micronas
–15
–10
–5
0
5
10
15
20
25
–15–10 –5 0
5
10 15 20 25 30 35 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA = 140 °C
HAL 2xy
Fig. 3–4: Typical supply current
versus supply voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
234567
8 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA = 140 °C
TA = 100 °C
HAL 2xy
Fig. 3–5: Typical supply current
versus supply voltage
0
1
2
3
4
5
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 3.8 V
VDD = 12 V
VDD = 24 V
HAL 2xy
Fig. 3–6: Typical supply current
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com