Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL880 Datasheet(PDF) 29 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 29 Page - Micronas

Back Button HAL880 Datasheet HTML 25Page - Micronas HAL880 Datasheet HTML 26Page - Micronas HAL880 Datasheet HTML 27Page - Micronas HAL880 Datasheet HTML 28Page - Micronas HAL880 Datasheet HTML 29Page - Micronas HAL880 Datasheet HTML 30Page - Micronas HAL880 Datasheet HTML 31Page - Micronas HAL880 Datasheet HTML 32Page - Micronas HAL880 Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
29
5.3. Telegram Codes
Sync Bit
Each telegram starts with the Sync Bit. This logical “0”
pulse defines the exact timing for tp0.
Command Bits (COM)
The Command code contains 3 bits and is a binary
number. Table 5–2 shows the available commands
and the corresponding codes for HAL 880.
Command Parity Bit (CP)
This parity bit is “1”, if the number of zeros within the
3 Command Bits is uneven. The parity bit is “0”, if the
number of zeros is even.
Address Bits (ADR)
The Address code contains 4 bits and is a binary num-
ber. Table 5–3 on page 31 shows the available
addresses for the HAL 880 registers.
Address Parity Bit (AP)
This parity bit is “1”, if the number of zeros within the
4 Address bits is uneven. The parity bit is “0”, if the
number of zeros is even.
Data Bits (DAT)
The 14 Data Bits contain the register information.
The registers use different number formats for the
Data Bits. These formats are explained in Section 5.4.
on page 30
In the Write command, the last bits are valid. If, for
example, the TC register (10 bits) is written, only the
last 10 bits are valid.
In the Read command, the first bits are valid. If, for
example, the TC register (10 bits) is read, only the first
10 bits are valid.
Data Parity Bit (DP)
This parity bit is “1”, if the number of zeros within the
binary number is even. The parity bit is “0”, if the num-
ber of zeros is uneven.
Acknowledge
After each telegram, the output answers with the
Acknowledge signal. This logical “0” pulse defines the
exact timing for tpOUT.
Table 5–2: Available commands
Command
Code
Explanation
READ
2
read a register
WRITE
3
write a register
PROM
4
program all nonvolatile registers (except the lock bits)
ERASE
5
erase all nonvolatile registers (except the lock bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com