Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL880 Datasheet(PDF) 19 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 19 Page - Micronas

Back Button HAL880 Datasheet HTML 15Page - Micronas HAL880 Datasheet HTML 16Page - Micronas HAL880 Datasheet HTML 17Page - Micronas HAL880 Datasheet HTML 18Page - Micronas HAL880 Datasheet HTML 19Page - Micronas HAL880 Datasheet HTML 20Page - Micronas HAL880 Datasheet HTML 21Page - Micronas HAL880 Datasheet HTML 22Page - Micronas HAL880 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
19
3.6. Characteristics
at TJ = −40 °C to +140 °C, VDD = 4.5 V to 5.5 V, GND = 0 V after programming and locking,
at Recommended Operating Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
over Temperature Range
1
−
710
mA
VDDZ
Overvoltage Protection
at Supply
1
−
17.5
20
V
IDD = 25 mA, TJ = 25 °C, t = 20 ms
VOZ
Overvoltage Protection
at Output
3
−
17
19.5
V
IO = 10 mA, TJ = 25 °C, t = 20 ms
Resolution
3
−
12
−
bit
ratiometric to VDD
1)
INL
Non-Linearity of Output Voltage over
Temperature
3
−1.0
0
1.0
%
% of supply voltage2)
For Vout = 0.35 V ... 4.65 V;
VDD = 5 V
ER
Ratiometric Error of Output
over Temperature
(Error in VOUT / VDD)
3
−1.0
0
1.0
%
⎥ V
OUT1 - VOUT2⎥ > 2V
during calibration procedure
ES
Error in Magnetic Sensitivity over
Temperature Range
3
−6
0
6
%
(see Section 3.6.1. on page 21)
ΔV
OUTCL
Accuracy of Output Voltage at Clamping
Low Voltage over Temperature Range
3
−45
0
45
mV
RL = 5 kΩ, VDD = 5 V
ΔV
OUTCH
Accuracy of Output Voltage at Clamping
High Voltage over Temperature Range
3
−45
0
45
mV
RL = 5 kΩ, VDD = 5 V
VOUTH
Upper Limit of Signal Band3)
34.65
4.8
−
V
VDD = 5 V, −1 mA ≤ IOUT ≤ 1mA
VOUTL
Lower Limit of Signal Band3)
3
−
0.2
0.35
V
VDD = 5 V, −1 mA ≤ IOUT ≤ 1mA
fADC
Internal ADC Frequency over
Temperature Range
−−
128
−
kHz
tr(O)
Step Response Time of Output
3
−
3
2
5
4
ms
ms
3 dB Filter frequency = 500 Hz
3 dB Filter frequency = 1 kHz
CL = 10 nF, time from 10% to 90%
of final output voltage for a step
like signal Bstep from 0 mT to Bmax
td(O)
Delay Time of Output
3
−
0.1
0.5
ms
CL = 10 nF
tPOD
Power-Up Time (Time to Reach Stabilized
Output Voltage)
−
1.5
1.7
1.9
ms
CL = 10 nF, 90% of VOUT
BW
Small Signal Bandwidth (
−3dB)
3
−
1
−
kHz
BAC < 10 mT;
3 dB Filter frequency = 1 kHz
VOUTn
Noise Output Voltagepp
3
−
6
15
mV
magnetic range = 60 mT4)
3 dB Filter frequency = 500 Hz
Sensitivity
≤ 0.7; C = 4.7 nF (V
DD &
VOUT to GND)
ROUT
Output Resistance over Recommended
Operating Range
3
−
110
Ω
VOUTLmax ≤ VOUT ≤ VOUTHmin
1) Output DAC full scale = 5 V ratiometric, Output DAC offset = 0 V, Output DAC LSB = V
DD/4096
2) if more than 50% of the selected magnetic field range is used and the temperature compensation is suitable
3) Signal Band Area with full accuracy is located between V
OUTL and VOUTH. The sensor accuracy is reduced below VOUTL and above VOUTH
4) peak-to-peak value exceeded: 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com