Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL880 Datasheet(PDF) 25 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 25 Page - Micronas

Back Button HAL880 Datasheet HTML 21Page - Micronas HAL880 Datasheet HTML 22Page - Micronas HAL880 Datasheet HTML 23Page - Micronas HAL880 Datasheet HTML 24Page - Micronas HAL880 Datasheet HTML 25Page - Micronas HAL880 Datasheet HTML 26Page - Micronas HAL880 Datasheet HTML 27Page - Micronas HAL880 Datasheet HTML 28Page - Micronas HAL880 Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
25
4.4. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
For typical values use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
For VDD = 5.5 V, Rth = 235 K/W, and IDD = 10 mA, the
temperature difference
ΔT = 12.93 K.
For all sensors, the junction temperature TJ is speci-
fied. The maximum ambient temperature TAmax can be
calculated as:
4.5. EMC and ESD
The HAL880 is designed for a stabilized 5 V supply.
Interferences and disturbances conducted along the
12 V on-board system (product standard ISO 7637
part 1) are not relevant for these applications.
For applications with disturbances by capacitive or
inductive coupling on the supply line, or by radiated
disturbances, the application circuit shown in Fig. 4–1
on page 23 is recommended. Applications with this
arrangement should pass the EMC tests according to
the product standards ISO 7637 part 3 (electrical tran-
sient transmission by capacitive or inductive coupling).
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
T
J
T
A
T
Δ
+
=
T
Δ
I
DD
V
DD
×
R
thJ
×
=
T
Amax
T
Lmax
T
Δ
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com