Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL880 Datasheet(PDF) 23 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 23 Page - Micronas

Back Button HAL880 Datasheet HTML 19Page - Micronas HAL880 Datasheet HTML 20Page - Micronas HAL880 Datasheet HTML 21Page - Micronas HAL880 Datasheet HTML 22Page - Micronas HAL880 Datasheet HTML 23Page - Micronas HAL880 Datasheet HTML 24Page - Micronas HAL880 Datasheet HTML 25Page - Micronas HAL880 Datasheet HTML 26Page - Micronas HAL880 Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
23
4. Application Notes
4.1. Application Circuit
For EMC protection, it is recommended to connect one
ceramic 4.7 nF capacitor each between ground and
the supply voltage, respectively the output voltage pin.
In addition, the input of the controller unit should be
pulled-down with a 10 k
Ω resistor and a ceramic
4.7 nF capacitor.
Please note that during programming, the sensor will
be supplied repeatedly with the programming voltage
of 12.5 V for 100 ms. All components connected to the
VDD line at this time must be able to resist this voltage.
Fig. 4–1: Recommended application circuit
4.2. Use of two HAL880 in Parallel
Two different HAL880 sensors which are operated in
parallel to the same supply and ground line can be
programmed individually. In order to select the IC
which should be programmed, both Hall ICs are
inactivated by the “Deactivate” command on the com-
mon supply line. Then, the appropriate IC is activated
by an “Activate” pulse on its output. Only the activated
sensor will react to all following read, write, and pro-
gram commands. If the second IC has to be pro-
grammed, the “Deactivate” command is sent again
and the second IC can be selected.
Note: The multi-programming of two sensors works
only if the outputs of the two sensors are pulled
to GND with a 10 k
Ω pull-down resistor.
Fig. 4–2: Parallel operation of two HAL880
OUT
VDD
GND
4.7 nF
HAL880
10 k
Ω
μC
4.7 nF
4.7 nF
HAL880
GND
10 nF
HAL880
4.7 nF
4.7 nF
Sensor A
Sensor B
VDD
OUT B & Select B
OUT A & Select A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com