Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL880 Datasheet(PDF) 9 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 9 Page - Micronas

Back Button HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas HAL880 Datasheet HTML 10Page - Micronas HAL880 Datasheet HTML 11Page - Micronas HAL880 Datasheet HTML 12Page - Micronas HAL880 Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
9
Filter
The FILTER bit is bit number 4 of the MODE register; it
defines the
−3 dB frequency of the digital low pass
filter.
Bit Time
The BITTIME bit is bit number 5 of the MODE register;
It defines the protocol bit time for the communication
between the sensor and the programmer board.
Output Format
The OUTPUTMODE bits are the bits numbers 6 to 7 of
the MODE register.
TC Register
The temperature dependence of the magnetic sensitiv-
ity can be adapted to different magnetic materials in
order to compensate for the change of the magnetic
strength with temperature. The adaption is done by
programming the TC (Temperature Coefficient) and
the TCSQ registers (Quadratic Temperature Coeffi-
cient). Thereby, the slope and the curvature of the tem-
perature dependence of the magnetic sensitivity can
be matched to the magnet and the sensor assembly.
As a result, the output voltage characteristic can be
fixed over the full temperature range. The sensor can
compensate for linear temperature coefficients ranging
from about
−3100 ppm/K up to 1000 ppm/K and qua-
dratic coefficients from about
−7ppm/K² to 2ppm/K².
The full TC range is separated in the following four
ranges:
TC (5 bit) and TCSQ (3 bit) have to be selected individu-
ally within each of the four ranges. For example: 0 ppm/k
requires TC-Range = 1, TC = 15 and TCSQ = 1.
Sensitivity
The SENSITIVITY register contains the parameter for
the multiplier in the DSP. The Sensitivity is program-
mable between
−4 and 4. For V
DD = 5 V, the register
can be changed in steps of 0.00049.
For all calculations, the digital value from the magnetic
field of the D/A converter is used. This digital informa-
tion is readable from the D/A-READOUT register.
VOQ
The VOQ register contains the parameter for the
adder in the DSP. VOQ is the output voltage without
external magnetic field (B = 0 mT) and programmable
from
−V
DD up to VDD. For VDD = 5 V, the register can
be changed in steps of 4.9 mV.
Note: If VOQ is programmed to a negative voltage, the
maximum output voltage is limited to:
−3 dB Frequency
FILTER
500 Hz
0
1kHz
1
Bit Time
BITTIME
1:64 (Typ. 1.75 ms)
0
1:128 (Typ. 3.5 ms)
1
Output Format
OUTPUTMODE
Analog Output (12 bit)
0
TC-Range [ppm/k]
GROUP
−3100 to −1800
0
−1750 to −550
2
−500 to +450 (default value)
1
+450 to +1000
3
SENSITIVITY
V
Δ
out
16384
×
2
ΔDA-Readout V
DD
×
×
---------------------------------------------------------------
=
V
OUTmax
V
OQ
V
DD
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com