Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 41Page - Texas Instruments TMS320DM647 Datasheet HTML 42Page - Texas Instruments TMS320DM647 Datasheet HTML 43Page - Texas Instruments TMS320DM647 Datasheet HTML 44Page - Texas Instruments TMS320DM647 Datasheet HTML 45Page - Texas Instruments TMS320DM647 Datasheet HTML 46Page - Texas Instruments TMS320DM647 Datasheet HTML 47Page - Texas Instruments TMS320DM647 Datasheet HTML 48Page - Texas Instruments TMS320DM647 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 3-7. PINMUX Register Field Descriptions (continued)
Bit
Field
Value
Description
15:14
VP34_EN
Controls the pin muxing between Video Port 3-4 and EMIFA (6)
UNMUXED(7)
MUXED(8)
VP4D05/VP4CLK1
VP3/VP4
EMIFA
00
3-state
3-state
01
3-state
3-state
10
Disable
EMIFA
11
Enable
VP3/VP4
13:12
SPI_UART_EN
Controls the pin muxing between SPI and UART
UNMUXED (9)
MUXED (10)
SPICLK
SPI or UART
00
3-state
3-state
01
Enable
SPI
10
Disable
UART
11
Enable
SPIDI
SPIDO
UART_TX
UART_RX
11:10
Reserved
Reserved
(6)
The value of VP34_EN depends on the BOOTMODE[3:0] pin value at reset. If the BOOTMODE[3:0] is 0100, the VP3/4 and the EMIFA
mux defaults to EMIFA enable (the value is 10b).
(7)
The complete list of pins: K1, M6.
(8)
The complete list of pins: T1, P1, T2, R1, P2, T6, T5, T4, T3, R6, R5, R4, R3, R2, P6, P5, P4, P3, N4, N6, N5, L1, J2, J1, K2, L2, M4,
M5, L3, L4, L5, K3, K4, L6, K5, J3, J4, J5, J6, K6.
(9)
The complete list of pin:F22
(10) The complete list of pins: D23, F23, G23, F21
Copyright © 2010–2009, Texas Instruments Incorporated
Device Configuration
45
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com