Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 42Page - Texas Instruments TMS320DM647 Datasheet HTML 43Page - Texas Instruments TMS320DM647 Datasheet HTML 44Page - Texas Instruments TMS320DM647 Datasheet HTML 45Page - Texas Instruments TMS320DM647 Datasheet HTML 46Page - Texas Instruments TMS320DM647 Datasheet HTML 47Page - Texas Instruments TMS320DM647 Datasheet HTML 48Page - Texas Instruments TMS320DM647 Datasheet HTML 49Page - Texas Instruments TMS320DM647 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 3-7. PINMUX Register Field Descriptions (continued)
Bit
Field
Value
Description
9:8
MCASP_EN
Controls the pin muxing between McASP and VIC
UNMUXED
MUXED (11)
STCLK, VCTL, or McASP
00
3-state
01
McASP (all McASP Pins)
10
(McASP without AXR8, AXR9)
ACLKR
AFSR
AXR0
AXR1
AC:LKX
AFSX
AXR2
AXR3
AHCLKR
AMUTEIN
AXR4
AXR5
AHCLKX
AMUTE
AXR6
AXR7
STCLK
VCTL
11
Reserved
7:6
Reserved
Reserved
5:4
VLYNQ_EN
Controls the pin muxing between Video Port 2 and VLYNQ
UNMUXED(12)
MUXED(13)
VP2#1
VP2#2 VLYNQ
00
3-state
3-state
01
3-state
3-state
10
Enable
VP2D12-19, VP2CLK1, VP2CTL2
11
Enable
VRXD0-3 and VTXD0-3, VCLK, VSCRUN
3:1
Reserved
Reserved
0
TIMER_EN
Controls the pin muxing between TIMER and GPIO[8:11]
MUXED(14)
0
GPIO[8:11]
1
Timer 0/1
(11) The complete list of pins: AC4, AC3, AC6, AC7, W6, AA7, AB6, Y6, AA6, AB4, Y5, V7, AA4, V6, Y7, AA5, AB3, U7
(12) For the first half of the Video Port 2, the complete list of pins with function: AB1(VP2CLK0), AA1 (VP2CTL0), AB2 (VP2CTL1) and W5,
AA2, Y3, U6, Y2, W3, V5, W4 (VP2D02, VP2D03, VP2D04, VP2D05, VP2D06, VP2D07, VP2D08, VP2D09)
(13) For the second half of the Video Port 2, the complete list of pins with function: W1 (VP2CLK1/VCLK), Y1(VP2CTL2/VSCRUN), W2, V3,
V4, U1, U3, U2, U5, U4 (VP2D12/VRXD0, VP2D13/VRXD1, VP2D14/VRXD2, VP2D15/VRXD3, VP2D16/VTXD0, VP2D17/VTXD1,
VP2D18/VTXD2, VP2D19/VTXD3)
(14) The complete list of pins:E20, D21, E21, C22
46
Device Configuration
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com