Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 10Page - Texas Instruments TMS320DM647 Datasheet HTML 11Page - Texas Instruments TMS320DM647 Datasheet HTML 12Page - Texas Instruments TMS320DM647 Datasheet HTML 13Page - Texas Instruments TMS320DM647 Datasheet HTML 14Page - Texas Instruments TMS320DM647 Datasheet HTML 15Page - Texas Instruments TMS320DM647 Datasheet HTML 16Page - Texas Instruments TMS320DM647 Datasheet HTML 17Page - Texas Instruments TMS320DM647 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 2-3. Memory Map Summary (continued)
START
END
SIZE
C64x+
ADDRESS
ADDRESS
(Bytes)
MEMORY MAP
0x02C8 0000
0x02CB FFFF
256K
Reserved
0x02CC 0000
0x02CF FFFF
256K
Reserved
0x02D0 0000
0x02D0 1FFF
8K
Ethernet Subsystem CPPI RAM(1)
0x02D0 2000
0x02D0 2FFF
4K
Ethernet Subsystem Control
0x02D0 3000
0x02D0 3FFF
4K
Ethernet Subsystem 3PSW
0x02D0 4000
0x02D0 47FF
2K
Ethernet Subsystem MDIO
0x02D0 4800
0x02D0 4BFF
1K
Ethernet Subsystem SGMII0
0x02D0 4C00
0x02D0 4FFF
1K
Ethernet Subsystem SGMII1 (DM648 only)
0x02D0 5000
0x02D0 57FF
2K
Reserved
0x02D0 5800
0x02DB FFFF
746K
Reserved
0x02DC 0000
0x02DF FFFF
256K
Reserved
0x02E0 0000
0x02E0 3FFF
16K
Reserved
0x02E0 4000
0x02FF FFFF
2M – 16K
Reserved
0x0300 0000
0x03FF FFFF
16M
Reserved
0x0400 0000
0x0FFF FFFF
192M
Reserved
0x1000 0000
0x1FFF FFFF
256M
Reserved
0x2000 0000
0x2FFF FFFF
256M
Reserved
0x3000 0000
0x3000 00FF
256
Reserved
0x3000 0100
0x33FF FFFF
64M – 256
Reserved
0x3400 0000
0x3400 00FF
256
Reserved
0x3400 0100
0x37FF FFFF
64M – 256
Reserved
0x3800 0000
0x3BFF FFFF
64M
VLYNQ
0x3C00 0000
0x3CFF FFFF
16M
Reserved
0x3D00 0000
0x3DFF FFFF
16M
Reserved
0x3E00 0000
0x3FFF FFFF
32M
Reserved
0x4000 0000
0x4FFF FFFF
256M
PCI Data
0x5000 0000
0x51FF FFFF
32M
VP0 ChannelA Data
0x5200 0000
0x53FF FFFF
32M
VP0 ChannelB Data
0x5400 0000
0x55FF FFFF
32M
VP1 ChannelA Data
0x5600 0000
0x57FF FFFF
32M
VP1 ChannelB Data
0x5800 0000
0x59FF FFFF
32M
VP2 ChannelA Data
0x5A00 0000
0x5BFF FFFF
32M
VP2 ChannelB Data
0x5C00 0000
0x5DFF FFFF
32M
Reserved
0x5E00 0000
0x5FFF FFFF
32M
Reserved
0x6000 0000
0x61FF FFFF
32M
VP3 ChannelA Data
0x6200 0000
0x63FF FFFF
32M
VP3 ChannelB Data
0x6400 0000
0x65FF FFFF
32M
VP4 ChannelA Data
0x6600 0000
0x67FF FFFF
32M
VP4 ChannelB Data
0x6800 0000
0x6FFF FFFF
128M
Reserved
0x7000 0000
0x77FF FFFF
128M
EMIFA Configuration
0x7800 0000
0x7FFF FFFF
128M
DDR2 EMIF Configuration
0x8000 0000
0x8FFF FFFF
256M
Reserved
0x9000 0000
0x9FFF FFFF
256M
Reserved
0xA000 0000
0xA3FF FFFF
64M
EMIFA CE2(2)
0xA400 0000
0xAFFF FFFF
256 - 64M
Reserved
0xB000 0000
0xB3FF FFFF
64M
EMIFA CE3(2)
(1)
The 8K CPPI Descriptor memory is mapped to an address range 0x02C8 2000 - 0x02C8 3FFF, from the perspective of the Ethernet
subsystem 3PSW. The buffer descriptors, when accessed from the C64x+, are addressed from 0x02D0 0000. However, within these
buffer descriptors, when the pointer to the next buffer descriptor is programmed, the Ethernet subsystem 3PSW is interpreting this value.
Thus, this programmed value should be in the address range starting from 0x02C8 2000.
(2)
The EMIFA CS0 and CS1 are not functionally supported; therefore, they are not pinned out.
14
Device Overview
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com