Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 54Page - Texas Instruments TMS320DM647 Datasheet HTML 55Page - Texas Instruments TMS320DM647 Datasheet HTML 56Page - Texas Instruments TMS320DM647 Datasheet HTML 57Page - Texas Instruments TMS320DM647 Datasheet HTML 58Page - Texas Instruments TMS320DM647 Datasheet HTML 59Page - Texas Instruments TMS320DM647 Datasheet HTML 60Page - Texas Instruments TMS320DM647 Datasheet HTML 61Page - Texas Instruments TMS320DM647 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 181 page
background image
1
2
3
4
5
6
7
8
10
11
(OutputfromDSP)
(InputtoExternalDevice)
ControlSignals
(A)
(OutputfromDSP)
ControlSignals
(InputtoExternalDevice)
DataSignals
(B)
(OutputfromExternalDevice)
DataSignals
(B)
(InputtoDSP)
9
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
6.1.3
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays caused by board routings.
As a good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS
models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing
Analysis Application Report (literature number SPRA839). If needed, external logic hardware such as
buffers may be used to compensate for any timing differences.
For inputs, timing is most impacted by the round-trip propagation delay from the DSP to the external
device and from the external device to the DSP. This round-trip delay tends to negatively impact the input
setup time margin, but also tends to improve the input hold time margins (see Table 6-1 and Figure 6-4).
Figure 6-4 represents a general transfer between the DSP and an external device. The figure also
represents board route delays and how they are perceived by the DSP and the external device.
Table 6-1. Board-Level Timing Example
(see Figure 6-4)
NO.
DESCRIPTION
1
Clock route delay
2
Minimum DSP hold time
3
Minimum DSP setup time
4
External device hold time requirement
5
External device setup time requirement
6
Control signal route delay
7
External device hold time
8
External device access time
9
DSP hold time requirement
10
DSP setup time requirement
11
Data route delay
A.
Control signals include data for writes.
B.
Data signals are generated during reads from an external device.
Figure 6-4. Board-Level Input/Output Timings
58
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com