Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 67Page - Texas Instruments TMS320DM647 Datasheet HTML 68Page - Texas Instruments TMS320DM647 Datasheet HTML 69Page - Texas Instruments TMS320DM647 Datasheet HTML 70Page - Texas Instruments TMS320DM647 Datasheet HTML 71Page - Texas Instruments TMS320DM647 Datasheet HTML 72Page - Texas Instruments TMS320DM647 Datasheet HTML 73Page - Texas Instruments TMS320DM647 Datasheet HTML 74Page - Texas Instruments TMS320DM647 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.6
Enhanced Direct Memory Access (EDMA3) Controller
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the
device.
These
data
transfers
include
cache
servicing,
non-cacheable
memory
accesses,
user-programmed data transfers, and host accesses. These are summarized as follows:
•
Transfer to/from on-chip memories
–
DSP L1D memory
–
DSP L2 memory
•
Transfer to/from external storage
–
DDR2 SDRAM
–
Synchronous/Asynchronous EMIF (EMIFA)
•
Transfer to/from peripherals/hosts
–
VLYNQ
–
HPI
–
McASP
–
UART
–
Video Port 0/1/2/3/4
–
Timer 0/1/2/3
–
SPI
–
I2C
6.6.1
EDMA3 Channel Synchronization Events
The EDMA supports up to 64 EDMA channels that service peripheral devices and external memory.
Table 6-13 lists the source of EDMA synchronization events associated with each of the programmable
EDMA channels. The association of an event to a channel is fixed; each of the EDMA channels has one
specific event associated with it. These specific events are captured in the EDMA event registers (ER,
ERH) even if the events are disabled by the EDMA event enable registers (EER, EERH). For more
detailed information on the EDMA module and how EDMA events are enabled, captured, processed,
linked, chained, and cleared, etc., see the TMS320DM647/DM648 DSP Enhanced DMA (EDMA)
Controller User's Guide (literature number SPRUEL2).
Table 6-13. EDMA Channel Synchronization Events
TPCC
DEFAULT BINARY
DEFAULT EVENT
TPCC
DEFAULT BINARY
DEFAULT EVENT
CHANNEL
EVENT#
CHANNEL
EVENT #
0
0
000 0000
HPI/PCI : DSPINT
32
32
010 0000
VP2EVTYA
1
1
000 0001
TIMER0 : TINT0L
33
33
010 0001
VP2EVTCbA
2
2
000 0010
TIMER0 : TINT0H
34
34
010 0010
VP2EVTCrA
3
3
000 0011
TIMER2 : TINT2L
35
35
010 0011
VP2EVTYB
4
4
000 0100
TIMER2 : TINT2H
36
36
010 0100
VP2EVTCbB
5
5
000 0101
TIMER3 : TINT3L
37
37
010 0101
VP2EVTCrB
6
6
000 0110
TIMER3 : TINT3H
38
38
010 0110
VP3EVTYA
7
7
000 0111
VICP: IMXINT
39
39
010 0111
VP3EVTCbA
8
8
000 1000
VICP: VLCDINT
40
40
010 1000
VP3EVTCrA
9
9
000 1001
VICP: DSQINT
41
41
010 1001
VP3EVTYB
10
10
000 1010
McASP: AXEVTE
42
42
010 1010
VP3EVTCbB
11
11
000 1011
McASP: AXEVTO
43
43
010 1011
VP3EVTCrB
12
12
000 1100
McASP: AXEVT
44
44
010 1100
ICREVT
13
13
000 1101
McASP: AREVTE
45
45
010 1101
ICXEVT
14
14
000 1110
McASP: AREVTO
46
46
010 1110
SPI: SPIXEVT
15
15
000 1111
McASP: AREVT
47
47
010 1111
SPI: SPIREVT
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com