Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 177 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 173Page - Texas Instruments TMS320DM647 Datasheet HTML 174Page - Texas Instruments TMS320DM647 Datasheet HTML 175Page - Texas Instruments TMS320DM647 Datasheet HTML 176Page - Texas Instruments TMS320DM647 Datasheet HTML 177Page - Texas Instruments TMS320DM647 Datasheet HTML 178Page - Texas Instruments TMS320DM647 Datasheet HTML 179Page - Texas Instruments TMS320DM647 Datasheet HTML 180Page - Texas Instruments TMS320DM647 Datasheet HTML 181Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 177 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
7.2
Packaging Information
The following packaging information reflects the most current data available for the designated device(s).
This data is subject to change without notice and without revision of this document.
Package
Package
Package
Eco
Lead/Ball
Orderable Device
Status(1)
Pins
MSL Peak Temp(3)
Type
Drawing
Qty
Plan(2)
Finish
Pb-Free
TMS320DM647ZUT1
ACTIVE
FCBGA
ZUT
529
84
Call TI
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM647ZUT7
ACTIVE
FCBGA
ZUT
529
84
SNAGCU
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM647ZUT9
ACTIVE
FCBGA
ZUT
529
84
SNAGCU
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM647ZUTA8
ACTIVE
FCBGA
ZUT
529
84
Call TI
Level-4-245C-72HR
(RoHS)
TMS320DM647ZUTD7
ACTIVE
FCBGA
ZUT
529
TBD
Call TI
Call TI
TMS320DM647ZUTD9
ACTIVE
FCBGA
ZUT
529
TBD
Call TI
Call TI
Pb-Free
TMS320DM648ZUT1
ACTIVE
FCBGA
ZUT
529
84
Call TI
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM648ZUT7
ACTIVE
FCBGA
ZUT
529
84
SNAGCU
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM648ZUT9
ACTIVE
FCBGA
ZUT
529
84
SNAGCU
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM648ZUTA8
ACTIVE
FCBGA
ZUT
529
1
Call TI
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM648ZUTD7
ACTIVE
FCBGA
ZUT
529
84
Call TI
Level-4-245C-72HR
(RoHS)
Pb-Free
TMS320DM648ZUTD9
ACTIVE
FCBGA
ZUT
529
84
Call TI
Level-4-245C-72HR
(RoHS)
(1)
The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this
part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please
check http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS
requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where
designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die
and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free
(RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based
flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material).
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer: The information provided on this page represents TI's knowledge
and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by
third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are
underway to better integrate information from third parties. TI has taken and continues to take reasonable
steps to provide representative and accurate information but may not have conducted destructive testing
or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information
to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI
part(s) at issue in this document sold by TI to Customer on an annual basis.
Copyright © 2010–2009, Texas Instruments Incorporated
Mechanical Data
177
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com