Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9540BDP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9540BDP
Description  2-channel I2C-bus multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9540BDP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9540BDP Datasheet HTML 1Page - NXP Semiconductors PCA9540BDP Datasheet HTML 2Page - NXP Semiconductors PCA9540BDP Datasheet HTML 3Page - NXP Semiconductors PCA9540BDP Datasheet HTML 4Page - NXP Semiconductors PCA9540BDP Datasheet HTML 5Page - NXP Semiconductors PCA9540BDP Datasheet HTML 6Page - NXP Semiconductors PCA9540BDP Datasheet HTML 7Page - NXP Semiconductors PCA9540BDP Datasheet HTML 8Page - NXP Semiconductors PCA9540BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9540B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2009
2 of 22
NXP Semiconductors
PCA9540B
2-channel I2C-bus multiplexer
3.
Ordering information
4.
Block diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9540BD
PA9540B
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9540BDP
9540B
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
PCA9540BGD
40B
XSON8U
plastic extremely thin small outline package; no leads; 8 terminals;
UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
Fig 1.
Block diagram of PCA9540B
SWITCH CONTROL LOGIC
PCA9540B
POWER-ON
RESET
002aae715
SC1
VSS
VDD
I2C-BUS
CONTROL
INPUT
FILTER
SCL
SDA
SC0
SD1
SD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com