Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9540BDP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9540BDP
Description  2-channel I2C-bus multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9540BDP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9540BDP Datasheet HTML 1Page - NXP Semiconductors PCA9540BDP Datasheet HTML 2Page - NXP Semiconductors PCA9540BDP Datasheet HTML 3Page - NXP Semiconductors PCA9540BDP Datasheet HTML 4Page - NXP Semiconductors PCA9540BDP Datasheet HTML 5Page - NXP Semiconductors PCA9540BDP Datasheet HTML 6Page - NXP Semiconductors PCA9540BDP Datasheet HTML 7Page - NXP Semiconductors PCA9540BDP Datasheet HTML 8Page - NXP Semiconductors PCA9540BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PCA9540B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2009
4 of 22
NXP Semiconductors
PCA9540B
2-channel I2C-bus multiplexer
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9540B”.
6.1 Device addressing
Following a START condition the bus master must output the address of the slave it is
accessing. The address of the PCA9540B is shown in Figure 5.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9540B which will be stored in the Control register. If multiple bytes are
received by the PCA9540B, it will save the last byte received. This register can be written
and read via the I2C-bus.
6.2.1 Control register definition
A SCx/SDx downstream pair, or channel, is selected by the contents of the Control
register. This register is written after the PCA9540B has been addressed. The 2 LSBs of
the control byte are used to determine which channel is to be selected. When a channel is
selected, it will become active after a STOP condition has been placed on the I2C-bus.
This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made
active, so that no false conditions are generated at the time of connection.
Fig 5.
Slave address
R/W
002aae716
1
1
1
0
0
0
0
slave address
fixed
Fig 6.
Control register
002aae717
X
X
X
X
X
B2
B1
B0
channel selection bits
(read/write)
76543210
enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com