Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9540BDP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9540BDP
Description  2-channel I2C-bus multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9540BDP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9540BDP Datasheet HTML 1Page - NXP Semiconductors PCA9540BDP Datasheet HTML 2Page - NXP Semiconductors PCA9540BDP Datasheet HTML 3Page - NXP Semiconductors PCA9540BDP Datasheet HTML 4Page - NXP Semiconductors PCA9540BDP Datasheet HTML 5Page - NXP Semiconductors PCA9540BDP Datasheet HTML 6Page - NXP Semiconductors PCA9540BDP Datasheet HTML 7Page - NXP Semiconductors PCA9540BDP Datasheet HTML 8Page - NXP Semiconductors PCA9540BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The PCA9540B is a 1-of-2 bidirectional translating multiplexer, controlled via the I2C-bus.
The SCL/SDA upstream pair fans out to two SCx/SDx downstream pairs, or channels.
Only one SCx/SDx channel is selected at a time, determined by the contents of the
programmable control register.
A power-on reset function puts the registers in their default state and initializes the I2C-bus
state machine with no channels selected.
The pass gates of the multiplexer are constructed such that the VDD pin can be used to
limit the maximum high voltage that will be passed by the PCA9540B. This allows the use
of different bus voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V or 3.3 V parts can
communicate with 5 V parts without any additional protection. External pull-up resistors
can pull the bus up to the desired voltage level for this channel. All I/O pins are 5 V
tolerant.
2.
Features
I 1-of-2 bidirectional translating multiplexer
I I2C-bus interface logic; compatible with SMBus standards
I Channel selection via I2C-bus
I Power up with all multiplexer channels deselected
I Low Ron switches
I Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD2-A115
and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO8, TSSOP8, XSON8U
PCA9540B
2-channel I2C-bus multiplexer
Rev. 04 — 3 September 2009
Product data sheet


Similar Part No. - PCA9540BDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540BDP PHILIPS-PCA9540BDP Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
More results

Similar Description - PCA9540BDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
2-channel I2C multiplexer
1999 Dec 15
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
4 Channel I2C bus Multiplexer
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com