Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9540BDP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9540BDP
Description  2-channel I2C-bus multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9540BDP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9540BDP Datasheet HTML 4Page - NXP Semiconductors PCA9540BDP Datasheet HTML 5Page - NXP Semiconductors PCA9540BDP Datasheet HTML 6Page - NXP Semiconductors PCA9540BDP Datasheet HTML 7Page - NXP Semiconductors PCA9540BDP Datasheet HTML 8Page - NXP Semiconductors PCA9540BDP Datasheet HTML 9Page - NXP Semiconductors PCA9540BDP Datasheet HTML 10Page - NXP Semiconductors PCA9540BDP Datasheet HTML 11Page - NXP Semiconductors PCA9540BDP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PCA9540B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2009
8 of 22
NXP Semiconductors
PCA9540B
2-channel I2C-bus multiplexer
7.5 Bus transactions
8.
Application design-in information
Fig 12. Write control register
Fig 13. Read control register
002aae719
1
1
0
0
0
0
0
A
S
1
A
P
slave address
START condition
R/W
acknowledge
from slave
acknowledge
from slave
control register
SDA
STOP condition
XXXXX
B2
B1
B0
002aae720
XXXXX
B2
B1
B0
1
1
0
0
0
0
1
A
S
1
NA
P
slave address
START condition
R/W
acknowledge
from slave
no acknowledge
from master
control register
SDA
STOP condition
last byte
Fig 14. Typical application
PCA9540B
SD0
SC0
VSS
SDA
SCL
VDD = 3.3 V
VDD = 2.7 V to 5.5 V
I2C-bus/SMBus master
002aae721
SDA
SCL
channel 0
V = 2.7 V to 5.5 V
SD1
SC1
channel 1
V = 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com