Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/03 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 12Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 13Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 14Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 15Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 16Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 17Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 18Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 19Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
16 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
8.4.3 Downstream interrupt
An interrupt can also be generated by a downstream device by asserting the INT_IN pin
LOW. When INT_IN is asserted LOW and if both INTINMSK bits are not set to ‘1’ by either
master, INT0 and INT1 both go LOW.
By setting the INTINMSK bit to ‘1’ by a master and/or the INTINMSK bit to ‘1’ by the other
master, the interrupt(s) is (are) masked and the corresponding masked channel(s) does
(do) not receive an interrupt (INT0 and/or INT1 line does (do) not go LOW).
8.4.4 Functional test interrupt
A master can send an interrupt to itself to test its own INT wire or send an interrupt to the
other master to test its INT line. This is done by:
• setting the TESTON bit to ‘1’ to test its own INT line
• setting the NTESTON bit to ‘1’ to test the other master INT line
Setting the TESTON and/or NTESTON bits to ‘0’ by a master will clear the interrupt(s).
Remark: Interrupt outputs have an open-drain structure. Interrupt input does not have any
internal pull-up resistor and must not be left floating (that is, pulled HIGH to VDD through
resistor) in order to avoid any undesired interrupt conditions.
8.4.5 Register 2: Interrupt Status Register (B1:B0 = 10b)
The Interrupt Status Register for both the masters is identical and is described below.
Nevertheless, there are physically 2 internal Interrupt Registers, one for each upstream
channel.
When Master 0 reads this register, the internal Interrupt Register 0 will be accessed.
When Master 1 reads this register, the internal Interrupt Register 1 will be accessed.
Table 13.
Register 2 - Interrupt Status register (B1:B0 = 10b) bit allocation
7
6
5
4
3
2
1
0
NMYTEST
MYTEST
0
0
BUSLOST
BUSOK
BUSINIT
INTIN
Table 14.
Register 2 - Interrupt Status (ISTAT) register bit description
Legend: * default value
Bit
Symbol
Access Value[1] Description
7
NMYTEST[2]
R only
0*
no interrupt generated due to NTESTON bit from the other master
(NTESTON = 0 from the other master)[3]
1
interrupt generated due to TESTON bit from the other master
(NTESTON = 1 from the other master)[3]
6
MYTEST[2]
R only
0*
no interrupt generated by TESTON bit (TESTON = 0)[3]
1
interrupt generated by TESTON bit (TESTON = 1)[3]
5
-
R only
0*
not used
4
-
R only
0*
not used
3
BUSLOST[4]
R only
0*
no interrupt generated to the previous master when switching to the new one
is initiated
1
interrupt generated to the previous master when switching to the new one is
initiated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com